Part Number Hot Search : 
TSA5526T 9435G M1320 5SB40 HER303 ZTX555DA H3340 0203A
Product Description
Full Text Search
 

To Download FDA20N50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FDA20N50 500V N-Channel MOSFET
January 2006
UniFET
FDA20N50
500V N-Channel MOSFET
Features
* 20A, 500V, RDS(on) = 0.24 @VGS = 10 V * Low gate charge ( typical 45.6 nC) * Low Crss ( typical 27 pF) * Fast switching * 100% avalanche tested * Improved dv/dt capability
TM
Description
These N-Channel enhancement mode power field effect transistors are produced using Fairchild's proprietary, planar stripe, DMOS technology. This advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well suited for high efficient switched mode power supplies and active power factor correction.
D
G
TO-3P
G DS
FDA Series
S
Absolute Maximum Ratings
Symbol
VDSS ID IDM VGSS EAS IAR EAR dv/dt PD TJ, TSTG TL Drain-Source Voltage Drain Current Drain Current Gate-Source voltage Single Pulsed Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Power Dissipation (TC = 25C) - Derate above 25C
(Note 2) (Note 1) (Note 1) (Note 3)
Parameter
- Continuous (TC = 25C) - Continuous (TC = 100C) - Pulsed
(Note 1)
FDA20N50
500 20 12.9 80 30 1110 20 25.0 4.5 250 2.0 -55 to +150 300
Unit
V A A A V mJ A mJ V/ns W W/C C C
Operating and Storage Temperature Range Maximum Lead Temperature for Soldering Purpose, 1/8" from Case for 5 Seconds
* Drain current limited by maximum junction termperature.
Thermal Characteristics
Symbol
RJC RCS RJA
Parameter
Thermal Resistance, Junction-to-Case Thermal Resistance, Case-to-Sink Thermal Resistance, Junction-to-Ambient
Min.
-0.24 --
Max.
0.50 -40
Unit
C/W C/W C/W
(c)2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FDA20N50 Rev. A
FDA20N50 500V N-Channel MOSFET
Package Marking and Ordering Information
Device Marking
FDA20N50
Device
FDA20N50
Package
TO-3P
TC = 25C unless otherwise noted
Reel Size
--
Tape Width
--
Quantity
30
Electrical Characteristics
Symbol
Off Characteristics BVDSS BVDSS / TJ IDSS IGSSF IGSSR VGS(th) RDS(on) gFS Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd IS ISM VSD trr Qrr
NOTES:
Parameter
Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate-Body Leakage Current, Forward Gate-Body Leakage Current, Reverse Gate Threshold Voltage Static Drain-Source On-Resistance Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge
Conditions
VGS = 0V, ID = 250A, TJ = 25C ID = 250A, Referenced to 25C VDS = 500V, VGS = 0V VDS = 400V, TC = 125C VGS = 30V, VDS = 0V VGS = -30V, VDS = 0V VDS = VGS, ID = 250A VGS = 10V, ID = 10A VDS = 40V, ID = 10A VDS = 25V, VGS = 0V, f = 1.0MHz
(Note 4)
Min
500 -----3.0 ------
Typ
-0.50 -----0.20 24.6 2400 355 27 95 375 100 105 45.6 14.8 21.6
Max Units
--1 10 100 -100 5.0 0.24 -3120 465 -200 760 210 220 59.5 --V V/C A A nA nA V S pF pF pF ns ns ns ns nC nC nC
On Characteristics
Dynamic Characteristics
Switching Characteristics VDD = 250V, ID = 20A RG = 25
(Note 4, 5)
------(Note 4, 5)
VDS = 400V, ID = 20A VGS = 10V
--
Drain-Source Diode Characteristics and Maximum Ratings Maximum Continuous Drain-Source Diode Forward Current Maximum Pulsed Drain-Source Diode Forward Current Drain-Source Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge VGS = 0V, IS = 20A VGS = 0V, IS = 20A dIF/dt =100A/s
(Note 4)
------
---507 7.20
20 80 1.4 ---
A A V ns C
1. Repetitive Rating: Pulse width limited by maximum junction temperature 2. L = 5.0mH, IAS = 20A, VDD = 50V, RG = 25, Starting TJ = 25C 3. ISD 20A, di/dt 200A/s, VDD BVDSS, Starting TJ = 25C 4. Pulse Test: Pulse width 300s, Duty Cycle 2% 5. Essentially Independent of Operating Temperature Typical Characteristics
FDA20N50 Rev. A
2
www.fairchildsemi.com
FDA20N50 500V N-Channel MOSFET
Typical Performance Characteristics
Figure 1. On-Region Characteristics Figure 2. Transfer Characteristics
ID, Drain Current [A]
ID, Drain Current [A]
10
1
VGS 15.0 V 10.0 V 8.0 V 7.0 V 6.5 V 6.0 V Bottom : 5.5 V Top :
150 C
10
1
o
25 C
o
-55 C
o
10
0
Notes : 1. 250 s Pulse Test 2. TC = 25
Notes : 1. VDS = 40V 2. 250 s Pulse Test
10
-1
10
0
10
1
10
0
2
4
6
8
10
12
VDS, Drain-Source Voltage [V]
VGS, Gate-Source Voltage [V]
Figure 3. On-Resistance Variation vs. Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage Variation vs. Source Current and Temperatue
0.8
RDS(ON) [ ], Drain-Source On-Resistance
0.6
VGS = 10V
0.4
IDR, Reverse Drain Current [A]
10
1
150
25
VGS = 20V
0.2
Note : TJ = 25
Notes : 1. VGS = 0V 2. 250 s Pulse Test
0.0
0
15
30
45
60
75
90
10
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
ID, Drain Current [A]
VSD, Source-Drain voltage [V]
Figure 5. Capacitance Characteristics
6000 Ciss = Cgs + Cgd (Cds = shorted) Coss = Cds + Cgd Crss = Cgd
Figure 6. Gate Charge Characteristics
12
VDS = 100V
VGS, Gate-Source Voltage [V]
5000
10
VDS = 250V VDS = 400V
Coss
Capacitances [pF]
4000
8
Ciss
3000
6
2000
1000
Crss
* Note : 1. VGS = 0 V 2. f = 1 MHz
4
2
Note : ID = 20A
0 -1 10
10
0
10
1
0
0
10
20
30
40
50
VDS, Drain-Source Voltage [V]
QG, Total Gate Charge [nC]
FDA20N50 Rev. A
3
www.fairchildsemi.com
FDA20N50 500V N-Channel MOSFET
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation vs. Temperature
1.2
Figure 8. On-Resistance Variation vs. Temperature
3.0 3.0
BVDSS, (Normalized) Drain-Source Breakdown Voltage
Drain-Source On-Resistance
1.1
RDS(ON), (Normalized) RDS(ON), (Normalized) Drain-Source On-Resistance
2.5
2.5
2.0
2.0
1.5
1.0
1.5
1.0
* Notes : 1. VGS = 10 V 2. ID = 5.5 A
1.0
0.5
0.9
Notes : 1. VGS = 0 V 2. ID = 250 A
0.5
0.0 -100 -50 0 50 100
o
Notes : 1. VGS = 10 V 2. ID = 10 A 150
200
0.8 -100
-50
0
50
100
o
150
200
0.0 -100
-50
TJ, Junction Temperature [ C]
0 50 100
150
200
TJ, Junction Temperature [ C]
TJ, Junction Temperature [ C]
o
Figure 9. Safe Operating Area
Figure 10. Maximum Drain Current vs. Case Temperature
25
10
2
10 s
20
ID, Drain Current [A]
1 ms
10
1
ID, Drain Current [A]
10
3
100 s 10 ms 100 ms DC
15
Operation in This Area is Limited by R DS(on)
10
10
0
Notes :
1. TC = 25 C 2. TJ = 150 C 3. Single Pulse
o
o
5
10
-1
10
0
10
1
10
2
0 25
50
75
100
125
150
VDS, Drain-Source Voltage [V]
TC, Case Temperature []
Figure 11. Transient Thermal Response Curve
10
0
Z JC Thermal Response (t),
D = 0 .5 0 .2 0 .1 0 .0 5 0 .0 2 0 .0 1 s in g le p u ls e
10
-1
PDM t1 t2
10
-2
N o te s : 1 . Z J C ( t) = 0 .5 /W M a x . 2 . D u ty F a c to r , D = t 1 /t 2 3 . T J M - T C = P D M * Z q J C ( t)
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
t 1 , S q u a r e W a v e P u ls e D u r a t io n [ s e c ]
FDA20N50 Rev. A
4
www.fairchildsemi.com
FDA20N50 500V N-Channel MOSFET
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms
FDA20N50 Rev. A
5
www.fairchildsemi.com
FDA20N50 500V N-Channel MOSFET
Peak Diode Recovery dv/dt Test Circuit & Waveforms
FDA20N50 Rev. A
6
www.fairchildsemi.com
FDA20N50 500V N-Channel MOSFET
Mechanical Dimensions
TO-3P
15.60 0.20 3.80 0.20 13.60 0.20 o3.20 0.10 9.60 0.20 4.80 0.20 1.50 -0.05
+0.15
12.76 0.20
19.90 0.20
16.50 0.30
3.00 0.20 1.00 0.20
3.50 0.20
2.00 0.20
13.90 0.20
23.40 0.20
18.70 0.20
1.40 0.20
5.45TYP [5.45 0.30]
5.45TYP [5.45 0.30]
0.60 -0.05
+0.15
Dimensions in Millimeters
FDA20N50 Rev. A
7
www.fairchildsemi.com
FDA20N50 500V N-Channel MOSFET
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM ActiveArrayTM BottomlessTM Build it NowTM CoolFETTM CROSSVOLTTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM
FAST(R) FASTrTM FPSTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM I2CTM i-LoTM ImpliedDisconnectTM IntelliMAXTM
Across the board. Around the world.TM The Power Franchise(R) Programmable Active DroopTM DISCLAIMER
ISOPLANARTM LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM PACMANTM POPTM Power247TM PowerEdgeTM
PowerSaverTM PowerTrench(R) QFET(R) QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SerDesTM ScalarPumpTM SILENT SWITCHER(R) SMART STARTTM SPMTM StealthTM SuperFETTM SuperSOTTM-3
SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogic(R) TINYOPTOTM TruTranslationTM UHCTM UltraFET(R) UniFETTM VCXTM WireTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. I17
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
8 FDA20N50 Rev. A
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of FDA20N50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X